PART |
Description |
Maker |
IDT7280 IDT7280L IDT7280L12 IDT7280L12PA IDT7280L1 |
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9 DUAL 512 x 9DUAL 1024 x 9 DUAL 2048 x 9DUAL 4096 x 9 DUAL 8192 x 9 CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9 DUAL 512 x 9 DUAL 1024 x 9 CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9 CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
|
IDT[Integrated Device Technology]
|
85C82 |
256 to 1024 x 8-bit CMOS EEPROMs with I2C-bus interface
|
Philips Semiconductors
|
IDT72211L12J IDT72201L20L |
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 512 X 9 OTHER FIFO, PQCC32 CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 256 X 9 OTHER FIFO, CQCC32
|
Integrated Device Technology, Inc.
|
IDT72211L35L IDT72201L20J IDT72201L50JB IDT72211L5 |
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
|
Integrated Device Technology Integrated Device Techn...
|
CDP1821C CDP1821C3 FN2983 CDP1821C_3 CDP1821CD3 CD |
From old datasheet system High-Reliability CMOS 1024-Word x 1-Bit Static RAM 高可靠性的CMOS 1024字1位静态存储器 High-Reliability CMOS 1024-Word x 1-Bit Static RAM 1K X 1 STANDARD SRAM, 255 ns, CDIP16
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
AM29F200A-1 AM29F200AB-120DGC AM29F200AB-120DGC1 A |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash MemoryDie Revision 1 PCB COPPER CLAD 6X9 1/32 2-SIDE DIN Audio Connector; Number of Contacts:5; Contact Termination:Solder; Mounting Type:Panel; Gender:Receptacle; Contact Plating:Silver; Series:C091A 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 256K X 8 FLASH 5V PROM, 90 ns, UUC42 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 M39012 MIL RF CONNECTOR 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29F400BB-55FEB AM29F400BB-55FIB AM29F400BT-55FCB |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 70 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪
|
Advanced Micro Devices, Inc. http://
|
AM29LV200B AM29LV200BB-120EC AM29LV200BB-120ECB AM |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 80 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 16 FLASH 3V PROM, 90 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2兆位256Kx8Bit/128Kx16位).0伏的CMOS引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2兆位56Kx8Bit/128Kx16位).0伏的CMOS引导扇区闪存
|
http:// AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
PCF85102C-2T/03 PCF85102C-2P/03 PCF85102C-2T/0311 |
256 x 8-bit CMOS EEPROM with I2C-bus interface PCF85102C-2; 256 x 8-bit CMOS EEPROM with I²C-bus interface
|
NXP Semiconductors N.V. Philips
|
TMP90PM36 |
A System Evaluation LSI With 8-Bit CPU,One-Time PROM(32968 x 8-Bit),RAM(1024 x 8-Bit)(系统评估大规模集成电路(集成8位CPU,一次可编程ROM(32968 x 8,RAM(1024 x 8)
|
Toshiba Corporation
|